Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV9041UIDBVR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR Datasheet(HTML) 5 Page - Texas Instruments

  TLV9041UIDBVR Datasheet HTML 1Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 2Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 3Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 4Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 5Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 6Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 7Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 8Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
1
V±
2
SHDN1
3
SHDN2
4
IN2+
6
OUT2
7
V+
8
OUT1
9
IN1±
Not to scale
Figure 6-8. TLV9042S RUG Package
10-Pin X2QFN
Top View
Table 6-4. Pin Functions: TLV9042S
PIN
I/O
DESCRIPTION
NAME
NO.
IN1–
9
I
Inverting input, channel 1
IN1+
10
I
Noninverting input, channel 1
IN2–
5
I
Inverting input, channel 2
IN2+
4
I
Noninverting input, channel 2
OUT1
8
O
Output, channel 1
OUT2
6
O
Output, channel 2
SHDN1
2
I
Shutdown – low = disabled, high = enabled, channel 1
SHDN2
3
I
Shutdown – low = disabled, high = enabled, channel 2
V–
1
I
Negative (low) supply or ground (for single-supply operation)
V+
7
I
Positive (high) supply
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com