Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV9041UIDBVR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV9041UIDBVR Datasheet HTML 15Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 16Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 17Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 18Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 19Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 20Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 21Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 22Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
8 Detailed Description
8.1 Overview
The TLV904x is a family of low-power, rail-to-rail input and output operational amplifiers specifically designed
for battery powered applications. This family of amplifiers utilizes unique transistors that enable operation from
ultra low supply voltage of 1.2 V to a standard supply voltage of 5.5 V. These unity-gain stable amplifiers provide
350 kHz of GBW with an IQ of only 10 µA. TLV904x also has short circuit current capability of 40 mA at 5.5
V. This combination of low voltage, low IQ, and high output current capability makes this device quite unique
and suitable for suitable for a wide range of general-purpose applications. The input common-mode voltage
range includes both rails, and allows the TLV904x series to be used in many single-supply or dual supply
configurations. Rail-to-rail input and output swing significantly increases dynamic range, especially in low-supply
applications, and makes these devices ideal for driving low speed sampling analog-to-digital converters (ADCs).
Further, the class AB output stage is capable of driving resitive loads greater than 2-kΩ connected to any point
between V+ and ground.
The TLV904x can drive up to 100 pF with a typical phase margin of 45° and features 350-kHz gain bandwidth
product, 0.2-V/μs slew rate with 6.5-μVp-p integrated noise (0.1 to 10 Hz) while consuming only 10-μA supply
current per channel, thus providing a good AC performance at a very low power consumption. DC applications
are also well served with a low input bias current of 1 pA (typical), an input offset voltage of 0.6 mV (typical) and
a good PSRR, CMRR, and AOL.
8.2 Functional Block Diagram
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com