Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 30 Page - Texas Instruments

Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV9062IDDFR Datasheet HTML 26Page - Texas Instruments TLV9062IDDFR Datasheet HTML 27Page - Texas Instruments TLV9062IDDFR Datasheet HTML 28Page - Texas Instruments TLV9062IDDFR Datasheet HTML 29Page - Texas Instruments TLV9062IDDFR Datasheet HTML 30Page - Texas Instruments TLV9062IDDFR Datasheet HTML 31Page - Texas Instruments TLV9062IDDFR Datasheet HTML 32Page - Texas Instruments TLV9062IDDFR Datasheet HTML 33Page - Texas Instruments TLV9062IDDFR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
Changes from Revision D (June 2018) to Revision E (July 2018)
Page
• Added TLV9061S device to Device Information table........................................................................................ 1
• Added TLV9064S device to Device Information table........................................................................................ 1
• Added RUC and RUG packages to the Device Comparison table.....................................................................3
• Added TLV9061S DBV (SOT-23) pinout drawing to Pin Configuration and Functions section.......................... 4
• Added TLV9061S DBV (SOT-23) package, pinout information to Pin Functions: TLV9061S table....................4
• Added TLV9062S RUG (VSSOP) package, pinout drawing to Pin Configuration and Functions section.......... 4
• Added TLV9064 RTE pinout information to Pin Functions: TLV9064 table........................................................ 4
• Added TLV9064S RTE (WQFN) pinout drawing to Pin Configuration and Functions section ...........................4
• Added TLV9062S RUG (VSSOP) package, pinout information to Pin Functions: TLV9062S table................... 4
• Added TLV9064 RTE (WQFN) pinout drawing to Pin Configuration and Functions section ............................. 4
Changes from Revision C (March 2018) to Revision D (June 2018)
Page
• Added shutdown suffix to "TLV906x" to document title...................................................................................... 1
• Added "Shutdown Version" bullet to Features list ............................................................................................. 1
• Added TLV9062S device to Device Information table........................................................................................ 1
• Added shutdown text to Description (continued) section....................................................................................1
• Added "(VS = [V+] – [V–]) supply voltage parameter in Absolute Maximum Ratings table................................ 9
• Added "input voltage range" and "output voltage range" parameters and values to Recommended Operating
Conditions table..................................................................................................................................................9
• Added shutdown pin recommended operating conditions in Recommended Operating Conditions table......... 9
• Added "TA" symbol to "specified temperature" parameter to Recommended Operating Conditions table ........9
• Added Thermal Information: TLV9062S thermal table data..............................................................................11
• Added shutdown section to Electrical Characteristics: VS (Total Supply Voltage) = (V+) – (V–) = 1.8V to 5.5V
table.................................................................................................................................................................. 12
• Added Shutdown Function section .................................................................................................................. 22
Changes from Revision B (October 2017) to Revision C (March 2018)
Page
• Changed device status from Production Data/Mixed Status to Production Data .............................................. 1
• Deleted package preview note from TLV9061 (DPW, X2SON) package in Device Information table ...............1
• Deleted package, preview note from TLV9061 DPW (X2SON) package, pinout drawing .................................4
• Changed formatting of ESD Ratings table to show different results for all packages ....................................... 9
• Deleted package preview note from DPW (X2SON) package in Thermal Information: TLV9061 table .......... 10
• Deleted package preview note from DPW (X2SON) package in Thermal Information: TLV9061 table .......... 10
Changes from Revision A (June 2017) to Revision B (October 2017)
Page
• Added 8-pin PW package, to Pin Configuration and Functions section ............................................................ 4
• Added DSG (WSON) package to Thermal Information table........................................................................... 10
• Added PW (TSSOP) to TLV9062 Thermal Information table .......................................................................... 10
• Changed maximum input offset voltage value from ±1.6mV to 2mV................................................................12
• Changed maximum input offset voltage value from ±1.5 to ±1.6mV................................................................ 12
• Changed minimum common-mode rejection ratio input voltage range from 86dB to 80dB ............................ 12
• Changed typical input current noise density value from 10 to 23fA/√ Hz ........................................................ 12
• Changed THD + N test conditions from VS = 5V to VS = 5.5V......................................................................... 12
• Added VCM = 2.5V test condition to THD + N parameter in Electrical Characteristics table ........................... 12
• Added maximum output voltage swing value from 25mV to 60mV.................................................................. 12
• Changed maximum output voltage swing value from 15mV to 20mV .............................................................12
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com