Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV9062IDDFR Datasheet HTML 2Page - Texas Instruments TLV9062IDDFR Datasheet HTML 3Page - Texas Instruments TLV9062IDDFR Datasheet HTML 4Page - Texas Instruments TLV9062IDDFR Datasheet HTML 5Page - Texas Instruments TLV9062IDDFR Datasheet HTML 6Page - Texas Instruments TLV9062IDDFR Datasheet HTML 7Page - Texas Instruments TLV9062IDDFR Datasheet HTML 8Page - Texas Instruments TLV9062IDDFR Datasheet HTML 9Page - Texas Instruments TLV9062IDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
1
OUT1
10
V+
2
IN1±
9
OUT2
3
IN1+
8
IN2±
4
V±
7
IN2+
5
SHDN1
6
SHDN2
Not to scale
Figure 4-8. TLV9062S DGS Package, 10-Pin VSSOP
(Top View)
1
V±
2
SHDN1
3
SHDN2
4
IN2+
6
OUT2
7
V+
8
OUT1
9
IN1±
Not to scale
Figure 4-9. TLV9062S RUG Package, 10-Pin X2QFN
(Top View)
1
2
3
C
B
A
Not to scale
OUT1
V+
OUT2
IN1–
SHDN
IN2–
IN1+
V–
IN2+
Figure 4-10. TLV9062S YCK Package
9-Pin DSBGA (WCSP)
Bottom View
Table 4-4. Pin Functions: TLV9062S
PIN
I/O
DESCRIPTION
NAME
VSSOP
X2QFN
DSBGA
(WCSP)
IN1–
2
9
B1
I
Inverting input, channel 1
IN1+
3
10
A1
I
Noninverting input, channel 1
IN2–
8
5
B3
I
Inverting input, channel 2
IN2+
7
4
A3
I
Noninverting input, channel 2
OUT1
1
8
C1
O
Output, channel 1
OUT2
9
6
C3
O
Output, channel 2
SHDN1
5
2
—
I
Shutdown: low = amp disabled, high = amp enabled, channel 1. See Shutdown
Function for more information.
SHDN2
6
3
—
I
Shutdown: low = amp disabled, high = amp enabled, channel 1. See Shutdown
Function for more information.
SHDN
—
—
B2
Shutdown: low = both amplifiers disabled, high = both amplifiers enabled
V–
4
1
A2
I or —
Negative (low) supply or ground (for single-supply operation)
V+
10
7
C2
I
Positive (high) supply
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com