Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 4 Page - Texas Instruments

  TLV9062IDDFR Datasheet HTML 1Page - Texas Instruments TLV9062IDDFR Datasheet HTML 2Page - Texas Instruments TLV9062IDDFR Datasheet HTML 3Page - Texas Instruments TLV9062IDDFR Datasheet HTML 4Page - Texas Instruments TLV9062IDDFR Datasheet HTML 5Page - Texas Instruments TLV9062IDDFR Datasheet HTML 6Page - Texas Instruments TLV9062IDDFR Datasheet HTML 7Page - Texas Instruments TLV9062IDDFR Datasheet HTML 8Page - Texas Instruments TLV9062IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
4 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
Figure 4-1. TLV9061 DBV or DRL Package, 5-Pin
SOT-23 or SOT-553 (Top View)
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 4-2. TLV9061 DCK Package, 5-Pin SC70 (Top
View)
1
OUT
2
IN±
3
V±
4
IN+
5
V+
Not to scale
Figure 4-3. TLV9061 DPW Package, 5-Pin X2SON (Top View)
Table 4-1. Pin Functions: TLV9061
PIN
TYPE(1)
DESCRIPTION
NAME
SOT-23,
SOT-553
SC70
X2SON
IN–
4
3
2
I
Inverting input
IN+
3
1
4
I
Noninverting input
OUT
1
4
1
O
Output
V–
2
2
3
I or —
Negative (low) supply or ground (for single-supply operation)
V+
5
5
5
I
Positive (high) supply
(1)
I = input, O = output
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com