Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR.A Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV9041UIDBVR.A
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV9041UIDBVR.A Datasheet HTML 10Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 11Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 12Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 13Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 14Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 15Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 16Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 17Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
10M
D010
CMRR
Figure 7-19. CMRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
65
70
75
80
85
90
95
D12_
VS = 5.5 V;VCM = 0 V to 4.7 V
VS = 3.3 V;VCM = 0 V to 2.6 V
VS = 1.8 V;VCM = 0 V to 1.1 V
VS = 1.2 V;VCM = 0 V to 0.5 V
Figure 7-20. DC CMRR vs Temperature
Time (1s/div)
-4
-3
-2
-1
0
1
2
3
4
D011
Figure 7-21. 0.1 Hz to 10 Hz Voltage Noise in Time Domain
Frequency (Hz)
0
20
40
60
80
100
120
140
160
180
200
10
100
1k
10k
D15_
Figure 7-22. Input Voltage Noise Spectral Density
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
D30_
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
G = 1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 7-23. THD + N vs Frequency
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
D30_
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
G = –1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 7-24. THD + N vs Frequency
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com