Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR.A Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV9041UIDBVR.A
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9041UIDBVR.A Datasheet HTML 7Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 8Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 9Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 10Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 11Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 12Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 13Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 14Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
7.8 Typical Characteristics
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Offset Voltage (mV)
0
5
10
15
20
25
30
35
40
45
-2
-1.6 -1.2 -0.8 -0.4
0
0.4
0.8
1.2
1.6
2
D01_
VS = 5.5 V
Figure 7-1. Offset Voltage Distribution Histogram
Offset Voltage Drift (µV/°C)
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D04_
VS = 5.5 V, TA = –40°C to +125°C
Figure 7-2. Offset Voltage Drift Distribution Histogram
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1600
-1200
-800
-400
0
400
800
1200
1600
D06_
VS = 5.5 V, VCM = V–
Figure 7-3. Input Offset Voltage vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D05_
VS = 5.5 V, VCM = V+
Figure 7-4. Input Offset Voltage vs Temperature
VCM (V)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D07_
Figure 7-5. Offset Voltage vs Common-Mode
VCM (V)
1.25
1.5
1.75
2
2.25
2.5
2.75
3
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D09_
VCM > (V+) – 1.4 V
Figure 7-6. Offset Voltage vs Common-Mode
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com