Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR.A Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV9041UIDBVR.A
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9041UIDBVR.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV9041UIDBVR.A Datasheet HTML 12Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 13Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 14Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 15Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 16Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 17Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 18Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 19Page - Texas Instruments TLV9041UIDBVR.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Capacitive Load (pF)
10
30
50
70
90
110
130
150
36
40
44
48
52
56
60
64
68
72
D005
Figure 7-31. Phase Margin vs Capacitive Load
Time (25 µs/div)
-3
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
2.4
3
D21_
VIN
VOUT
G = 1
VIN = 6 VPP
Figure 7-32. No Phase Reversal
Time (100 µs/div)
-3
-2
-1
0
1
2
3
D22_
VIN
VOUT
G = –10
VIN = 600 mVPP
Figure 7-33. Overload Recovery
Time (10 µs/div)
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
D25_
VIN
VOUT
G = 1
VIN = 20 mVPP
CL = 10 pF
Figure 7-34. Small-Signal Step Response
Time (10 µs/div)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D27_
VIN
VOUT
G = 1
VIN = 4 VPP
CL = 10 pF
Figure 7-35. Large-Signal Step Response
Time (5 µs/div)
D29_
G = 1
VIN = 4 VPP
CL = 10 pF
Figure 7-36. Large-Signal Settling Time (Negative)
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com