Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV9062IDRG4
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV9062IDRG4 Datasheet HTML 3Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 4Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 5Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 6Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 7Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 8Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 9Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 10Page - Texas Instruments TLV9062IDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 97 page
background image
1
IN1±
2
IN1+
3
V+
4
IN2+
5
IN2±
8
IN3±
9
IN3+
10
V±
11
IN4+
12
IN4±
Not to scale
Figure 4-11. TLV9064 RUC Package, 14-Pin X2QFN
(Top View)
1
IN1+
12
IN4+
2
V+
11
V±
3
IN2+
10
IN3+
4
IN2±
9
IN3±
Not to scale
Thermal
Pad
A.
Connect thermal pad to V–
Figure 4-12. TLV9064 RTE Package, 16-Pin WQFN
With Exposed Thermal Pad (Top View)
1
OUT1
14
OUT4
2
IN1±
13
IN4±
3
IN1+
12
IN4+
4
V+
11
V±
5
IN2+
10
IN3+
6
IN2±
9
IN3±
7
OUT2
8
OUT3
Not to scale
Figure 4-13. TLV9064 D or PW Package, 14-Pin SOIC or TSSOP (Top View)
Table 4-5. Pin Functions: TLV9064
PIN
TYPE(1)
DESCRIPTION
NAME
SOIC,
TSSOP
WQFN
X2QFN
IN1–
2
16
1
I
Inverting input, channel 1
IN1+
3
1
2
I
Noninverting input, channel 1
IN2–
6
4
5
I
Inverting input, channel 2
IN2+
5
3
4
I
Noninverting input, channel 2
IN3–
9
9
8
I
Inverting input, channel 3
IN3+
10
10
9
I
Noninverting input, channel 3
IN4–
13
13
12
I
Inverting input, channel 4
IN4+
12
12
11
I
Noninverting input, channel 4
NC
—
6, 7
—
—
No internal connection
OUT1
1
15
14
O
Output, channel 1
OUT2
7
5
6
O
Output, channel 2
OUT3
8
8
7
O
Output, channel 3
OUT4
14
14
13
O
Output, channel 4
V–
11
11
10
I or — Negative (low) supply or ground (for single-supply operation)
V+
4
2
3
I
Positive (high) supply
(1)
I = input, O = output
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com