Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP175 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 4 Page - Texas Instruments

  TMP175 Datasheet HTML 1Page - Texas Instruments TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Power Supply, V+
TMP175
7
V
TMP75
6.5
V
Input voltage
TMP175, SCL, SDA, A2, A1, A0
-0.5
7
V
TMP75 SCL, SDA, A1, A0
-0.3
6.5
V
TMP75 A2 pin
-0.3
(V+) +0.3
V
Input current
TMP175
10
mA
Operating Temperature
-55
127
°C
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
-60
130
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
Electrostatic discharge
(TMP175)
Machine model (MM)
±300
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
V+
Supply voltage
2.7
5.5
V
TA
Operating ambient temperature
-40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMP75
TMP75
TMP175
TMP175
UNIT
DGK(VSSOP)
D(SOIC)
DGK(VSSOP)
D(SOIC)
8-pins
8-pins
8-pins
8-pins
RθJA
Junction-to-ambient thermal resistance
202.5
130.4
185
130.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
82
76.9
76.1
70.7
°C/W
RθJB
Junction-to-board thermal resistance
124.4
72.3
106.4
73.9
°C/W
ψJT
Junction-to-top characterization parameter
17.9
32
14.1
21.6
°C/W
ψJB
Junction-to-board characterization parameter
122.6
71.9
104.8
73.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
__
__
__
__
°C/W
MT
Thermal Mass
16.6
64.2
__
__
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com