Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP175 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP175
Description  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
6.7 Typical Characteristics
at TA = 25 °C and V+ = 5 V (unless otherwise noted)
85
75
65
55
45
35
25
Temperature (°C)
−55
−35
−15
5
2
5
4
5
6
5
8
5
105
125 130
Serial Bus Inactive
V+ = 5 V
V+ = 2..7V
Figure 6-1. Quiescent Current vs Temperature
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
Te mperature (°C)
−55
−35
−15
5
2
5
4
5
6
5
85
105 125 130
Figure 6-2. Shutdown Current vs Temperature
300
250
200
150
100
Te mperature (°C)
12-bit resolution
−55
−35
−15
5
2
5
45
65
85
105
125 130
V+ = 5 V
V+ = 2..7 V
Figure 6-3. Conversion Time vs Temperature
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
Temperature (°C)
−55
−35
−15
5
25
45
65
85
105
12 5 130
3 typical units 12-bit resolution
Figure 6-4. Temperature Accuracy vs Temperature
500
450
400
350
300
250
200
150
100
50
0
Frequency (Hz)
1k
1
0k
1
00k
1M
1
0M
125°C
25°C
−55°C
Hs MODE
FAST MODE
Figure 6-5. Quiescent Current With Bus Activity vs Temperature
www.ti.com
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com