Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3136D2 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 21Page - Texas Instruments TPA3136D2 Datasheet HTML 22Page - Texas Instruments TPA3136D2 Datasheet HTML 23Page - Texas Instruments TPA3136D2 Datasheet HTML 24Page - Texas Instruments TPA3136D2 Datasheet HTML 25Page - Texas Instruments TPA3136D2 Datasheet HTML 26Page - Texas Instruments TPA3136D2 Datasheet HTML 27Page - Texas Instruments TPA3136D2 Datasheet HTML 28Page - Texas Instruments TPA3136D2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
8.2.2.2 Efficiency: LC Filter Required with the Traditional Class-D Modulation Scheme
The main reason that the traditional class-D amplifier requires an output filter is that the switching waveform
results in maximum current flow. This causes more loss in the load, which causes lower efficiency. The ripple
current is large for the traditional modulation scheme, because the ripple current is proportional to voltage
multiplied by the time at that voltage. The differential voltage swing is 2 × VCC, and the time at each voltage is
half the period for the traditional modulation scheme. An ideal LC filter is required to store the ripple current from
each half cycle for the next half cycle, while any resistance causes power dissipation. The speaker is both
resistive and reactive, whereas an LC filter is almost purely reactive.
The TPA3139D2 modulation scheme has little loss in the load without a filter because the pulses are short and
the change in voltage is VCC instead of 2 × VCC. As the output power increases, the pulses widen, making the
ripple current larger. Ripple current could be filtered with an LC filter for increased efficiency, but for most
applications the filter is not required.
An LC filter with a cutoff frequency less than the class-D switching frequency allows the switching current to flow
through the filter instead of the load. The filter has less resistance but higher impedance at the switching
frequency than the speaker, which results in less power dissipation, therefore increasing efficiency.
8.2.2.3 When to Use an Output Filter for EMI Suppression
The TPA3139D2 device has been tested with a simple ferrite bead filter for a variety of applications including
long speaker wires up to 100 cm and high power. The TPA3139D2 EVM passes FCC Class B specifications
under these conditions using twisted speaker wires. The size and type of ferrite bead can be selected to meet
application requirements. Also, the filter capacitor can be increased if necessary with some impact on efficiency.
There may be a few circuit instances where it is necessary to add a complete LC reconstruction filter. These
circumstances might occur if there are nearby circuits which are sensitive to noise. In these cases a classic
second order Butterworth filter similar to those shown in the figures below can be used.
Some systems have little power supply decoupling from the AC line but are also subject to line conducted
interference (LCI) regulations. These include systems powered by "wall warts" and "power bricks." In these
cases, LC reconstruction filters can be the lowest cost means to pass LCI tests. Common mode chokes using
low frequency ferrite material can also be effective at preventing line conducted interference.
1nF
Ferrite
ChipBead
OUTP
OUTN
Ferrite
ChipBead
1nF
Figure 8-3. Typical Ferrite Chip Bead Filter (Chip Bead Example: NFZ2MSM series from Murata)
1 mF
1 mF
33
H
m
33 mH
OUTP
OUTN
L1
L2
C2
C3
Figure 8-4. Typical LC Output Filter, Cutoff Frequency of 27 kHz, Speaker Impedance = 8 Ω
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com