Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E009 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD2E009
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments TPD2E009 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
GND
D+
D–
TPD2E009
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
TPD2E009 is a two-channel ESD TVS that provides ±8-kV IEC 61000-4-2 contact and air-gap ESD protection.
The 0.7-pF unidirectional diode architecture is suitable for signals that range from 0 V to 5.5 V and can support
data rates up to 6 Gbps. The industry-standard packages are convenient for placement in applications with
limited space.
7.2 Functional Block Diagram
7.3 Feature Description
TPD2E009 is a unidirectional TVS offering IEC 61000-4-2 Level 4 Contact ESD protection. This device protects
circuits from ESD strikes up to ±8-kV contact and ±8-kV air-gap. The device can also handle up to 5-A surge
current (IEC 61000-4-5 8/20
μs). The low capacitance of 0.7 pF supports a data rate up to 6 Gbps. TPD2E009
has a small dynamic resistance of 1
Ω, which makes the clamping voltage low when the device is actively
protecting other circuits. For example, the clamping voltage is only 8 V when the device is taking a 1-A transient
current. Low leakage allows the diode to conserve power when working below the VRWM.
7.4 Device Functional Modes
The TPD2E009 device is a passive clamp that has low leakage during normal operation when the voltage
between an I/O pin and GND is below VRWM. The device activates when the voltage is between an I/O pin and
GND goes above VBR. During ESD events, transient voltages as high as ±8 kV can be clamped between the
protected line and ground. When the voltages on the protected lines fall below the trigger voltage, the device
reverts back to the low-leakage passive state.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com