Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E009 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD2E009
Description  TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E009 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E009 Datasheet HTML 1Page - Texas Instruments TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
GND
D+
D–
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPD2E009
SLVS953B – JUNE 2009 – REVISED AUGUST 2015
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
1 Features
3 Description
The TPD2E009 device provides two ESD protection
1
•
Supports Data Rates up to 6 Gbps
diodes with flow-through pin mapping for ease of
•
IEC 61000-4-2 ESD Protection
board layout. This device has been designed to
–
±8-kV Contact Discharge
protect sensitive components which are connected to
ultra high-speed data and transmission lines. The
–
±8-kV Air-Gap Discharge
TPD2E009 offers transient voltage suppression for
•
IEC 61000-4-5 Surge Protection
Level 4 of IEC 61000-4-2 Contact ESD protection.
–
5 A (8/20 µs)
TVS protection up to a 5-A (8/20
μs) peak pulse-
current rating per the IEC 61000-4-5 (lightning)
•
Low Capacitance
specification is also provided.
–
DRT: 0.7-pF (Typ)
The monolithic silicon technology allows matching
–
DBZ: 0.9-pF (Typ)
between the differential signal pairs. The less than
•
0.05-pF Matching Capacitance Between the
0.05-pF differential capacitance ensures that the
Differential Signal Pair
differential signal distortion due to added ESD circuit
•
Dual-Matching TVS Diodes to Protect the
protection remains minimal. The low capacitance
Differential Data and Clock Lines of HDMI, LVDS,
(0.7-pF) is suitable for high-speed data rates up to
SATA, Ethernet, or USB Interfaces
6 Gbps.
•
Space-Saving DRT and DBZ Package Options
The TPD2E009 TVS diode is offered in a DRT
•
Flow-Through Pin Mapping for the High-Speed
(1 mm × 0.8 mm) package for space-saving portable
Lines Ensures Zero Additional Skew Due to Board
applications. The industry standard DBZ (2.92 mm ×
Layout While Placing the ESD-Protection Chip
1.3 mm) package offers additional flexibility in the
board layout for the system designer.
Near the Connector
Typical applications for the TPD2E009 line of ESD
2 Applications
protection products are: HDMI, USB, eSATA, and
ethernet interfaces in notebooks, DVD and media
•
End Equipment:
players, set-top boxes, and portable computers.
–
Notebooks
–
Set-Top Boxes
Device Information(1)
–
Portable Computers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
DVD Players
2.92 mm × 1.30 mm
TPD2E009
SOT (3)
1.00 mm × 0.80 mm
–
Media Players
•
Interfaces:
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–
HDMI 2.0
–
USB 3.0
–
eSATA
–
Ethernet
TPD2E009 Application Curve
TPD2E009 Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI1-TPD2E009 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DBZR TI-TPD2E009DBZR Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DBZR TI-TPD2E009DBZR Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results

Similar Description - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com