Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2EUSB30A Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD2EUSB30A
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30A Datasheet(HTML) 3 Page - Texas Instruments

  TPD2EUSB30A Datasheet HTML 1Page - Texas Instruments TPD2EUSB30A Datasheet HTML 2Page - Texas Instruments TPD2EUSB30A Datasheet HTML 3Page - Texas Instruments TPD2EUSB30A Datasheet HTML 4Page - Texas Instruments TPD2EUSB30A Datasheet HTML 5Page - Texas Instruments TPD2EUSB30A Datasheet HTML 6Page - Texas Instruments TPD2EUSB30A Datasheet HTML 7Page - Texas Instruments TPD2EUSB30A Datasheet HTML 8Page - Texas Instruments TPD2EUSB30A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
D+
3
1
2
D–
GND
Figure 5-1. DRT Package 3-Pin SOT Top View
10
N.C.
D1+
1
9
N.C.
D1
–
2
8
GND
GND
3
7
N.C.
D2+
4
6
N.C.
D2
–
5
Figure 5-2. DQA Package 10-Pin USON Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DRT
DQA
D1+
1
1
ESD port
High-speed ESD clamp, provides ESD protection to the high-speed differential
data lines.
D1–
2
2
D2+
—
4
D2–
—
5
GND
3
3, 8
GND
Ground
N.C.
—
6, 7,
9, 10
—
Not normally connected
www.ti.com
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com