Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2EUSB30A Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD2EUSB30A
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30A Datasheet(HTML) 5 Page - Texas Instruments

  TPD2EUSB30A Datasheet HTML 1Page - Texas Instruments TPD2EUSB30A Datasheet HTML 2Page - Texas Instruments TPD2EUSB30A Datasheet HTML 3Page - Texas Instruments TPD2EUSB30A Datasheet HTML 4Page - Texas Instruments TPD2EUSB30A Datasheet HTML 5Page - Texas Instruments TPD2EUSB30A Datasheet HTML 6Page - Texas Instruments TPD2EUSB30A Datasheet HTML 7Page - Texas Instruments TPD2EUSB30A Datasheet HTML 8Page - Texas Instruments TPD2EUSB30A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage (D+ and
D- pins)
TPD2EUSB30, TPD4EUSB30
5.5
V
TPD2EUSB30A
3.6
V
Vclamp
Clamp voltage
D+,D– pins to ground,
IIO = 1 A
8
V
IIO
Current from IO port to supply pins
VIO = 2.5 V,
ID = 8 mA
0.01
0.1
μA
VD
Diode forward voltage
D+,D– pins,
lower clamp diode,
VIO = 2.5 V,
ID = 8 mA
0.6
0.8
0.95
V
Rdyn
Dynamic resistance
D+,D– pins
I = 1 A
0.6
Ω
CIO-IO
Capacitance IO to IO
D+,D– pins
VIO = 2.5 V; ƒ = 100 kHz
0.05
pF
CIO-GND Capacitance IO to GND
D+,D– pins (DRT)
VIO = 2.5 V; ƒ = 100 kHz
0.7
pF
D1+, D1-,
D2+, D2- (DQA )
0.8
VBR
Break-down voltage,
TPD2EUSB30, TPD4EUSB30
IIO = 1 mA
7
V
Break-down voltage,
TPD2EUSB30A
IIO = 1 mA
4.5
V
www.ti.com
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com