Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2EUSB30A Datasheet(PDF) 11 Page - Texas Instruments

Part # TPD2EUSB30A
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD2EUSB30A Datasheet HTML 7Page - Texas Instruments TPD2EUSB30A Datasheet HTML 8Page - Texas Instruments TPD2EUSB30A Datasheet HTML 9Page - Texas Instruments TPD2EUSB30A Datasheet HTML 10Page - Texas Instruments TPD2EUSB30A Datasheet HTML 11Page - Texas Instruments TPD2EUSB30A Datasheet HTML 12Page - Texas Instruments TPD2EUSB30A Datasheet HTML 13Page - Texas Instruments TPD2EUSB30A Datasheet HTML 14Page - Texas Instruments TPD2EUSB30A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
9 Power Supply Recommendations
This family of devices are passive ESD protection devices and there is no need to power them. Care should be
taken to not violate the maximum voltage specification to ensure that the device functions properly. The D+ and
D– lines share a TVS diode which can tolerate up to 6 V.
10 Layout
10.1 Layout Guidelines
• The optimum placement is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer needs to minimize the possibility of EMI coupling by keeping any unprotected traces
away from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
Refer to Figure 10-1, the TPD2EUSB30/A are offered in space saving DRT package. The DRT is a 1-mm ×
1-mm package with flow-through pin-mapping for the high-speed differential lines. The TPD4EUSB30 is offered
in space saving DQA package. The DQA is a 1-mm × 2.5-mm package with flow-through pin-mapping for the
high-speed differential lines. It is recommended to place the package right next to the USB 3.0 connector.
The GND pin should connected to GND plane of the board through a large VIA. If a dedicated GND plane is
not present right underneath, it is recommended to route to the GND plane through a wide trace. The current
associated with IEC ESD stress can be in the range of 30Amps or higher momentarily. A good, low impedance
GND path ensures the system robustness against IEC ESD stress.
The TPDxEUSB30/A can provide system level ESD protection to the high-speed differential ports (> 5 Gbps data
rate). The flow-through package offers flexibility for board routing with traces up to 15 mills wide. It allows the
differential signal pairs couple together right after they touch the ESD ports of the TPDxEUSB30/A.
www.ti.com
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com