Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 3 Page - Texas Instruments

  TPL0102 Datasheet HTML 1Page - Texas Instruments TPL0102 Datasheet HTML 2Page - Texas Instruments TPL0102 Datasheet HTML 3Page - Texas Instruments TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
HA
LA
WA
HB
LB
WB
A2
VDD
A0
A1
GND
SCL
SDA
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HA
LA
WA
HB
LB
WB
A2
VDD A0
A1
GND
SCL
SDA
VSS
3
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
RUC Package
14-Pin MicroQFN
Top View
PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HA
1
I/O
High terminal of potentiometer A
LA
2
I/O
Low terminal of potentiometer A
WA
3
I/O
Wiper terminal of potentiometer A
HB
4
I/O
High terminal of potentiometer B
LB
5
I/O
Low terminal of potentiometer B
WB
6
I/O
Wiper terminal of potentiometer B
A2
7
I
I2C address bit 2
VSS
8
–
Negative power supply pin (Dual-Supply Operation) or tied to GND (Single-Supply
Operation)
SDA
9
I/O
I2C data I/O
SCL
10
I
I2C clock Input
GND
11
–
Ground
A1
12
I
I2C address bit 1
A0
13
I
I2C address bit 0
VDD
14
–
Positive power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com