Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments TPL0102 Datasheet HTML 11Page - Texas Instruments TPL0102 Datasheet HTML 12Page - Texas Instruments TPL0102 Datasheet HTML 13Page - Texas Instruments TPL0102 Datasheet HTML 14Page - Texas Instruments TPL0102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPL0102 has two linear-taper digital potentiometers with 256 wiper positions and an end-to-end resistance
of 100 k
Ω. Each potentiometer can be used as a three-terminal potentiometer or as a two-terminal rheostat. The
two potentiometers can both be used in Voltage Divider Mode, Rheostat Mode, or Shutdown Mode at the same
time, or any combination of those modes. For example, potentiometer A can be used in Voltage Divider Mode
and potentiometer B can be used in Voltage Divider Mode, or potentiometer A can be used in Voltage Divider
Mode and potentiometer B can be used in Rheostat Mode. The two potentiometers are functionally independent
of one another.
The High (H) and Low (L) terminals of the TPL0102 are equivalent to the fixed terminals of a mechanical
potentiometer. The H and L terminals do not have any polarity restrictions (H can be at a higher voltage than L,
or L can be at a higher voltage than H). The position of the wiper (W) terminal is controlled by the value in the
Wiper Resistance (WR) 8-bit register. When the WR register contains all zeroes (zero-scale), the wiper terminal
is closest to its L terminal. As the value of the WR register increases from all zeroes to all ones (full-scale), the
wiper moves monotonically from the position closest to L terminal to the position closest to the H terminal. At the
same time, the resistance between W and L increases monotonically, whereas the resistance between W and H
decreases monotonically.
The TPL0102 has non-volatile memory (EEPROM) which can be used to store the wiper position. When the
device is powered down, the last value stored in the Initial Value Register (IVR) will be maintained in the non-
volatile memory. When power is restored, the contents of the IVR are automatically recalled and loaded into the
corresponding WR register to set the wipers . The internal registers of the TPL0102 can be accessed using the
I2C interface. The factory-programmed default value for the IVR upon power up is 0x80h (1000 0000). The WR
register can be written to directly without first writing to the IVR, depending upon the setting of the volatile
memory (VOL) in the ACR (Access Control Register). If the WR register is written to directly without writing to the
IVR as well, this results in the wiper position changing to a desired position, but the position will not be stored in
memory and will not be reloaded upon powering up the device.
With one TPL0102, a variable resistor with 512 settings can be used since there are two potentiometers in one
TPL0102. In order to achieve this, the two potentiometers should be in Rheostat Mode and wired so that terminal
L of potentiometer B is tied to terminal W of potentiometer A. This will provide 512 settings between terminal L of
potentiometer A and terminal W of potentiometer B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com