Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 30Page - Texas Instruments TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments TPL0102 Datasheet HTML 33Page - Texas Instruments TPL0102 Datasheet HTML 34Page - Texas Instruments TPL0102 Datasheet HTML 35Page - Texas Instruments TPL0102 Datasheet HTML 36Page - Texas Instruments TPL0102 Datasheet HTML 37Page - Texas Instruments TPL0102 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
9 Power Supply Recommendations
9.1 Power Sequence
Protection diodes limit the voltage compliance at terminal H, terminal L, and terminal W, making it important to
power up VDD first before applying any voltage to terminal H, terminal L, and terminal W. The diodes are forward-
biasing, meaning VDD can be powered unintentionally if VDD is not powered first. The ideal power-up sequence is
VSS, VDD, VLOGIC, digital inputs, and VH, VL, and VW. The order of powering digital inputs, VH, VL, and VW does not
matter as long as they are powered after VSS, VDD, and VLOGIC.
9.2 Wiper Position Upon Power Up
It is prudent to know that when the DPOT is powered off, the impedance of the device is not known. Upon power
up, the device will go to 0x80h code for a very short period of time while it loads the stored wiper position in the
EEPROM and then will go to the stored position. This happens in less than 100 uS.
9.3 Dual-Supply vs Single-Supply
Dual-supply operation allows the TPL0102 to handle voltage that may swing negative. This is especially useful
for any application that involves negative voltages, such as the input to an Op Amp or audio signals. It is
recommended that VSS (negative supply) is mirrored with VDD (positive supply) and both are centered around
GND. For example, if dual-supply is desired and VDD = 2.50 V, then VSS should be equal to -2.50 V, which will
result in GND centered between VDD and VSS.
Single-supply operation allows the TPL0102 to handle positive voltages only. In single-supply, it is recommended
that VSS is tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com