Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADEMA124 Datasheet(PDF) 32 Page - Analog Devices

Part # ADEMA124
Description  Simultaneously Sampling 4- and 7-Channel ΣΔ ADC with SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEMA124 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADEMA124 Datasheet HTML 28Page - Analog Devices ADEMA124 Datasheet HTML 29Page - Analog Devices ADEMA124 Datasheet HTML 30Page - Analog Devices ADEMA124 Datasheet HTML 31Page - Analog Devices ADEMA124 Datasheet HTML 32Page - Analog Devices ADEMA124 Datasheet HTML 33Page - Analog Devices ADEMA124 Datasheet HTML 34Page - Analog Devices ADEMA124 Datasheet HTML 35Page - Analog Devices ADEMA124 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
Data Sheet
ADEMA124/ADEMA127
APPLICATIONS INFORMATION
analog.com
Rev. A | 32 of 78
Daisy-Chain
The bidirectional, serial port interface (SPI) supports a daisy-chain
connection, which allows access to all registers while reducing
the required microcontroller pin count. In the case of the SPI daisy-
chain configuration, the CS signals from all connected devices are
shared.
Daisy-chain devices function as successive shift registers. In the
example configuration of Figure 56, data is shifted out of the micro-
controller to the ADEMA127, then to the ADEMA124, and finally the
ADE9113. The instant CS transitions from low-to-high, the portion
of the SPI frame contained in the shift register of each device
is interpreted. The example communications bit stream shown in
Figure 57 corresponds with the example circuit in Figure 56.
The ADEMA124/ADEMA127 register configuration is not required
for daisy-chain connected devices, however, SPI long frame format
shown in Long Format Operation must be used for communication.
The full SPI frame for daisy-chain connected devices must be
the sum of all long format packets for all devices connected in
daisy-chain.
Daisy-chain connected devices must operate from the same clock
source. The clock source may be external, or it may be generated
by the ADEMA124/ADEMA127 and shared via CLKOUT pin. Only
a single DREADY pin is required for the daisy-chain to call for
service. For more details on synchronization of sampling, see the
Synchronization of Multiple Devices section.
Figure 56. Daisy-Chain Connected Devices Example
Figure 57. Daisy-Chain Communication Example
Individually Addressed
Individually addressed devices may be issued both short and long
format commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com