Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADEMA124 Datasheet(PDF) 21 Page - Analog Devices

Part # ADEMA124
Description  Simultaneously Sampling 4- and 7-Channel ΣΔ ADC with SPI
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEMA124 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADEMA124 Datasheet HTML 17Page - Analog Devices ADEMA124 Datasheet HTML 18Page - Analog Devices ADEMA124 Datasheet HTML 19Page - Analog Devices ADEMA124 Datasheet HTML 20Page - Analog Devices ADEMA124 Datasheet HTML 21Page - Analog Devices ADEMA124 Datasheet HTML 22Page - Analog Devices ADEMA124 Datasheet HTML 23Page - Analog Devices ADEMA124 Datasheet HTML 24Page - Analog Devices ADEMA124 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Data Sheet
ADEMA124/ADEMA127
APPLICATIONS INFORMATION
analog.com
Rev. A | 21 of 78
START-UP SEQUENCE AND TIMING
Fast Start-Up
The ADEMA124/ADEMA127 immediately start sampling and pro-
ducing waveform data once a valid power supply is present. The
ADC must be provided with a valid clock input signal or have an
external crystal present and neither the RESET pin nor STDBY pin
asserted.
Start-up is shown in Figure 39. Fast start-up time is defined as
the time between VDD supply reaching the minimum valid supply
level and first data samples being available. The first low-to-high
transition of the DREADY pin indicates the SPI port is available for
communication. The first high-to-low transition of the DREADY pin
indicates the first ADC sample set is available. The first SPI read
returns 0x00 for all ADC waveform data. If the first ADC sample
set is required, read the SPI port on the first DREADY pin rising
edge. The first set of ADC samples is then available to be read
on the first DREADY pin high-to-low transition. The first two ADC
wavefrom data sets pass through the lower latency sinc1 filter with
a decimation factor of 64.
The ADEMA124/ADEMA127 provide valid ADC samples in less
than 0.5ms when provided an external clock from the time that
VDD is at 90% (tSTART-UP). Valid ADC samples are generated with
15ms when the ADEMA124/ADEMA127 must first start the crystal
oscillator circuit to generate a clock from an external crystal.
Figure 39. Fast Start-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com