Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS22966DPUT
Description  TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22966DPUT Datasheet(HTML) 5 Page - Texas Instruments

  TPS22966DPUT Datasheet HTML 1Page - Texas Instruments TPS22966DPUT Datasheet HTML 2Page - Texas Instruments TPS22966DPUT Datasheet HTML 3Page - Texas Instruments TPS22966DPUT Datasheet HTML 4Page - Texas Instruments TPS22966DPUT Datasheet HTML 5Page - Texas Instruments TPS22966DPUT Datasheet HTML 6Page - Texas Instruments TPS22966DPUT Datasheet HTML 7Page - Texas Instruments TPS22966DPUT Datasheet HTML 8Page - Texas Instruments TPS22966DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPS22966
www.ti.com
SLVSBH4F – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TPS22966
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC (1)
TPS22966
UNIT
DPU (WSON)
14 PINS
ψJB
Junction-to-board characterization parameter
11.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.9
°C/W
6.5 Electrical Characteristics—VBIAS = 5 V
Unless otherwise noted, the specification in the following table applies where VBIAS = 5 V. Typical values are for TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP MAX
UNIT
POWER SUPPLIES AND CURRENTS
IIN(VBIAS-ON)
VBIAS quiescent current (both
channels)
IOUT1 = IOUT2 = 0 mA,
VIN1,2 = VON1,2 = VBIAS = 5 V
–40°C to +105°C
80
120
µA
IIN(VBIAS-ON)
VBIAS quiescent current (single
channel)
IOUT1 = IOUT2 = 0 mA, VON2 = 0 V
VIN1,2 = VON1 = VBIAS = 5 V
–40°C to +105°C
60
120
µA
IIN(VBIAS-OFF) VBIAS shutdown current
VON1,2 = 0 V, VOUT1,2 = 0 V
–40°C to +105°C
2
µA
IIN(VIN-OFF)
VIN1,2 off-state supply current (per
channel)
VON1,2 = 0 V,
VOUT1,2 = 0 V
VIN1,2 = 5 V
–40°C to +105°C
0.5
8
µA
VIN1,2 = 3.3 V –40°C to +105°C
0.1
3
VIN1,2 = 1.8 V –40°C to +105°C
0.07
2
VIN1,2 = 0.8 V –40°C to +105°C
0.04
1
ION
ON pin input leakage current
VON = 5.5 V
–40°C to +105°C
1
µA
RESISTANCE CHARACTERISTICS
RON
ON-state resistance (per channel)
IOUT = –200 mA,
VBIAS = 5 V
VIN = 5 V
25°C
16
19
mΩ
–40°C to +85°C
21
–40°C to +105°C
23
VIN = 3.3 V
25°C
16
19
–40°C to +85°C
21
–40°C to +105°C
23
VIN = 1.8 V
25°C
16
19
–40°C to +85°C
21
–40°C to +105°C
23
VIN = 1.5 V
25°C
16
19
–40°C to +85°C
21
–40°C to +105°C
23
VIN = 1.2 V
25°C
16
19
–40°C to +85°C
21
–40°C to +105°C
23
VIN = 0.8 V
25°C
16
19
–40°C to +85°C
21
–40°C to +105°C
23
RPD
Output pulldown resistance
VIN = 5 V, VON = 0 V, IOUT = 15 mA
–40°C to +85°C
220
300
Ω
–40°C to +105°C
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com