Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22966DPUT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS22966DPUT
Description  TPS22966 5.5-V, 6-A, 16-mΩ On-Resistance Dual-Channel Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22966DPUT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22966DPUT Datasheet HTML 7Page - Texas Instruments TPS22966DPUT Datasheet HTML 8Page - Texas Instruments TPS22966DPUT Datasheet HTML 9Page - Texas Instruments TPS22966DPUT Datasheet HTML 10Page - Texas Instruments TPS22966DPUT Datasheet HTML 11Page - Texas Instruments TPS22966DPUT Datasheet HTML 12Page - Texas Instruments TPS22966DPUT Datasheet HTML 13Page - Texas Instruments TPS22966DPUT Datasheet HTML 14Page - Texas Instruments TPS22966DPUT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Input Voltage (V)
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
250
750
1250
1750
2250
2750
D021
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
500
1000
1500
2000
2500
3000
3500
D022
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
400
600
800
1000
1200
1400
1600
1800
2000
D019
-40qC
25qC
85qC
105qC
Input Voltage (V)
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
500
1000
1500
2000
2500
3000
3500
D020
-40qC
25qC
85qC
105qC
11
TPS22966
www.ti.com
SLVSBH4F – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TPS22966
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical DC Characteristics (continued)
VBIAS = 5 V
CT = 1 nF
Figure 19. Turnon Time vs Input Voltage
VBIAS = 2.5 V
CT = 1 nF
Figure 20. Rise Time vs Input Voltage
VBIAS = 5 V
CT = 1 nF
Figure 21. Rise Time vs Input Voltage (VBIAS = 5 V, CT = 1
nF)
VIN = 2.5 V
CT = 1 nF
Figure 22. Rise Time vs Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com