Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHT10 Datasheet(PDF) 12 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 12 Page - ASAIR All Rights Reserved.

Back Button AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 13Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
8 package
The AHT10 is available in an SMD package
(similar to QFN), and the SMD is a two-sided,
leadless flat package. The sensor chip is made
of Ni/
Made of Au 's copper lead frame. The sensor
weighs about 63mg.
8.1 tracking information
All AHT10 sensor surfaces are laser marked.
See picture 18
Figure 18 sensor laser identification.
Labels are also placed on the reels, as shown in
Figure 19 , and other tracking information is provided.。
8.2 Transport Packaging
The AHT10 is packaged in tape and reel and sealed in
an antistatic ESD bag. The standard package size
is 4000 pieces per roll. For the AHT10 package,
the 440mm (55 sensor capacity) and front 200mm
(25 sensor capacity) portions of each reel are empty.
The package diagram with sensor positioning is
shown in Figure 20. The reel is placed in an anti-static
pocket.
Figure 20 packaging tape and sensor positioning map
AHT10
ASAIR
XXXXXX
®
图1 9 :卷轴上的标签 。
ASAIR
®
名称: 温湿度传感器
日期:YYYY -MM-DD
5
0
1
8
1
2
1
0
批号:XXXXXX
数量:
PCS
4000
型号:AHT10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com