Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH10LCD06
Description  Turbo 2 ultrafast - high voltage rectifier for flat panel displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH10LCD06 Datasheet HTML 1Page - STMicroelectronics STTH10LCD06 Datasheet HTML 2Page - STMicroelectronics STTH10LCD06 Datasheet HTML 3Page - STMicroelectronics STTH10LCD06 Datasheet HTML 4Page - STMicroelectronics STTH10LCD06 Datasheet HTML 5Page - STMicroelectronics STTH10LCD06 Datasheet HTML 6Page - STMicroelectronics STTH10LCD06 Datasheet HTML 7Page - STMicroelectronics STTH10LCD06 Datasheet HTML 8Page - STMicroelectronics STTH10LCD06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
November 2015
DocID15858 Rev 3
1/11
STTH10LCD06
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
Datasheet
- production data
Features
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduce conduction and switching losses
• ECOPACK®2 compliant component for DPAK
on demand
• Insulated package: TO-220FPAC
– Insulated voltage: 2000 VRMS sine
Description
The STTH10LCD06 uses ST Turbo 2 technology.
This device is suited for power applications in flat
panel displays and especially applicable to
switching power supplies in LCD.
Table 1. Device summary
Symbol
Value
IF(AV)
10 A
VRRM
600 V
Tj(max)
175 °C
VF (typ)
1.3 V
trr (typ)
35 ns
www.st.com


Similar Part No. - STTH10LCD06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10LCD06 STMICROELECTRONICS-STTH10LCD06 Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06C STMICROELECTRONICS-STTH10LCD06C Datasheet
110Kb / 10P
Turbo 2 ultrafast - high voltage rectifier for SMPS
07-Apr-2011
STTH10LCD06D STMICROELECTRONICS-STTH10LCD06D Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06FP STMICROELECTRONICS-STTH10LCD06FP Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06SB-TR STMICROELECTRONICS-STTH10LCD06SB-TR Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
More results

Similar Description - STTH10LCD06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
STTH10LCD06SB-TR STMICROELECTRONICS-STTH10LCD06SB-TR Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com