Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH10LCD06
Description  Turbo 2 ultrafast - high voltage rectifier for flat panel displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH10LCD06 Datasheet HTML 1Page - STMicroelectronics STTH10LCD06 Datasheet HTML 2Page - STMicroelectronics STTH10LCD06 Datasheet HTML 3Page - STMicroelectronics STTH10LCD06 Datasheet HTML 4Page - STMicroelectronics STTH10LCD06 Datasheet HTML 5Page - STMicroelectronics STTH10LCD06 Datasheet HTML 6Page - STMicroelectronics STTH10LCD06 Datasheet HTML 7Page - STMicroelectronics STTH10LCD06 Datasheet HTML 8Page - STMicroelectronics STTH10LCD06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID15858 Rev 3
3/11
STTH10LCD06
Characteristics
11
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
35
50
ns
IRM
Reverse recovery current
IF = 10 A, dIF/dt = -50 A/µs,
VR = 400 V, Tj = 125 °C
2.0
2.8
A
tfr
Forward recovery time
IF = 10 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
230
ns
VFP
Forward recovery voltage
IF = 10 A, dIF/dt = 100 A/µs,
VFR = 1.1 x VFmax, Tj = 25 °C
4V
Figure 1. Conduction losses versus average
current
Figure 2. Forward voltage drop versus forward
current
0
2
4
6
8
10
12
14
16
18
20
22
012
345678
9
10
11
12
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
P(W)
F(AV)
I(A)
F(AV)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
j=25°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Typical values)
T
j=150°C
(Typical values)
I(A)
FM
V(V)
FM
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration (DPAK)
Figure 4. Relative variation of thermal
impedance junction to case versus pulse
duration (TO-220FPAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com