Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH10LCD06
Description  Turbo 2 ultrafast - high voltage rectifier for flat panel displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH10LCD06 Datasheet HTML 1Page - STMicroelectronics STTH10LCD06 Datasheet HTML 2Page - STMicroelectronics STTH10LCD06 Datasheet HTML 3Page - STMicroelectronics STTH10LCD06 Datasheet HTML 4Page - STMicroelectronics STTH10LCD06 Datasheet HTML 5Page - STMicroelectronics STTH10LCD06 Datasheet HTML 6Page - STMicroelectronics STTH10LCD06 Datasheet HTML 7Page - STMicroelectronics STTH10LCD06 Datasheet HTML 8Page - STMicroelectronics STTH10LCD06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH10LCD06
4/11
DocID15858 Rev 3
Figure 5. Peak reverse recovery current versus
dIF/dt (typical values)
Figure 6. Reverse recovery time versus dIF/dt
(typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
I(A)
RM
dI /dt(A/µs)
F
0
20
40
60
80
100
120
140
160
180
200
220
0
50
100
150
200
250
300
350
400
450
500
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
t (ns)
rr
dI /dt(A/µs)
F
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Relative variations of dynamic
parameters versus junction temperature
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
IF = 10A
V
R=400V
T
j = 125 °C
T
j = 25 °C
Q (nC)
rr
dI /dt(A/µs)
F
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
25
50
75
100
125
I
RM
Q
rr
I
F=IF(AV)
V
R=400V
Reference: T
j=125°C
T (°C)
j
Figure 9. Transient peak forward voltage versus
dIF/dt (typical values)
Figure 10. Forward recovery time versus dlF/dt
(typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
I
F=IF(AV)
Tj=125°C
dI /dt(A/µs)
F
V(V)
FP
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
I
F=IF(AV)
V
FR=1.1 x VF max.
T
j=125°C
t (ns)
fr
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com