Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS73033DBVT
Description  TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS73033DBVT Datasheet HTML 1Page - Texas Instruments TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
4 Pin Configuration and Functions
IN
GND
EN
OUT
NC/NR
1
2
3
5
4
Figure 4-1. DBV Package, 5-Pin SOT-23 Fixed-
Voltage Version (Top View)
IN
GND
EN
OUT
NC/NR
1
2
3
6
4
5
FB
Figure 4-2. DBV Package, 6-Pin SOT-23 Adjustable-
Voltage Version (Top View)
A3
A1
C3
C1
B2
IN
OUT
GND
NR
EN
Figure 4-3. YZQ Package, 5-Pin DSBGA (Top View, Legacy Chip)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV
YZQ
EN
3
A3
I
Enable pin. Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
the regulator into shutdown mode. EN can be connected to IN if not used.
FB
5
—
I
Feedback pin. This terminal is the feedback input pin for the adjustable device. Fixed voltage
versions in the DBV package do not have this pin.
GND
2
A1
—
Regulator ground.
IN
1
C3
I
Input to the device.
NC/NR
4
B2
—
Noise-reduction pin (legacy chip). Connecting an external capacitor to this pin filters noise
generated by the internal band gap. This configuration improves power-supply rejection and
reduces output noise for the legacy chip and YZQ package.
No connect pin (new chip). This pin is not internally connected. Connect to GND for improved
thermal performance or leave floating. For lower noise performance on a fixed device, refer
to the TPS7A20. For lower noise performance on the adjustable version, consider using a
feed-forward capacitor.
OUT
6
C1
O
Output of the regulator.
www.ti.com
TPS730
SBVS054K – NOVEMBER 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com