Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS73033DBVT
Description  TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments TPS73033DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
5.5 Electrical Characteristics (continued)
over recommended operating temperature range, TJ = –40°C to +125°C VEN = VIN, VIN = VOUT(nom) + 1V, IOUT = 1mA, COUT =
10µF, CNR = 0.01µF (unless otherwise noted). All typical values at TJ= 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Power-supply
rejection ratio
f = 100Hz
IOUT = 10mA
(legacy chip)
70
dB
IOUT = 10mA
(new chip)
64
IOUT = 200mA
(legacy chip)
68
IOUT = 200mA
(new chip)
65
f = 10kHz
IOUT = 200mA
(legacy chip)
70
IOUT = 200mA
(new chip)
49
f = 100kHz
IOUT = 200mA
(legacy chip)
43
IOUT = 200mA
(new chip)
39
Vn
Output noise
voltage
BW = 200Hz to
100kHz, IOUT =
200mA
CNR = 0.01µF
33
µVRMS
BW = 200Hz to
100kHz, IOUT =
200mA
(new chip)(4)
69
tSTR
Time, start-up
RL = 14 Ω,
COUT = 1µF
CNR = 0.001µF
50
µs
CNR = 0.0047µF
50
CNR = 0.01µF
50
(new chip)(4)
500
VEN(HI)
High-level
enable input
voltage
2.7V ≤ VIN ≤ 5.5V
1.7
VIN
V
2.7V ≤ VIN ≤ 5.5V (new chip)
0.85
VIN
VEN(LOW)
Low-level
enable input
voltage
2.7V ≤ VIN ≤ 5.5V
0
0.7
V
2.7V ≤ VIN ≤ 5.5V (new chip)
0
0.425
IEN
Enable pin
current
VEN = 0 V
–1
1
µA
VUVLO
UVLO threshold
VIN rising (legacy chip)
2.25
2.65
V
VIN rising (new chip)
1.32
1.6
VUVLO(HYST)
UVLO
hysteresis
VCC rising (legacy chip)
100
mV
VCC rising (new chip)
130
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS73018 and TPS73025 because minimum VIN = 2.7V.
(3)
For adjustable versions, this parameters applies only after VIN is applied; then VEN transitions high to low.
(4)
New Chip does not have a Noise Reduction pin.
TPS730
SBVS054K – NOVEMBER 2004 – REVISED JUNE 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com