Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30E Datasheet(PDF) 4 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 4 Page - Texas Instruments

  TS3USB30E Datasheet HTML 1Page - Texas Instruments TS3USB30E Datasheet HTML 2Page - Texas Instruments TS3USB30E Datasheet HTML 3Page - Texas Instruments TS3USB30E Datasheet HTML 4Page - Texas Instruments TS3USB30E Datasheet HTML 5Page - Texas Instruments TS3USB30E Datasheet HTML 6Page - Texas Instruments TS3USB30E Datasheet HTML 7Page - Texas Instruments TS3USB30E Datasheet HTML 8Page - Texas Instruments TS3USB30E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (see (1) (2))
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VIN
Control input voltage
–0.5
7
V
VI/O
Signal path I/O voltage (3)
D+, D– when VCC > 0V
–0.5
VCC + 0.3
V
D+, D– when VCC = 0V
–0.5
5.25
IIK
Control input clamp current
VIN < 0V
–50
mA
II/OK
I/O port clamp current
VI/O < 0V
–50
mA
II/O
ON-state switch current(4)
±64
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
VI and VO are used to denote specific conditions for VI/O.
(4)
II and IO are used to denote specific conditions for II/O.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM),
per ANSI/ESDA/JEDEC JS-001(1)
All pins
8000
V
I/O port to GND
15000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002 (2)
1000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted) (1).
MIN
MAX
UNIT
VCC
Supply voltage
3
4.3
V
VIH
High-level control input voltage
VCC = 3V to 3.6V
1.3
VCC
V
VCC = 4.3V
1.7
VCC
VIL
Low-level control input voltage
VCC = 3V to 3.6V
0
0.5
V
VCC = 4.3V
0
0.7
VI/O
Data input/output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to Implications of Slow or
Floating CMOS Inputs.
5.4 Thermal Information
THERMAL METRIC(1)
Device
UNIT
DGS (VSSOP)
RSW (UQFN)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
203.1
114.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
88.7
64.7
°C/W
RθJB
Junction-to-board thermal resistance
123.0
21.0
°C/W
ψJT
Junction-to-top characterization parameter
21.2
1.9
°C/W
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com