Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30E Datasheet(PDF) 14 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS3USB30E Datasheet HTML 10Page - Texas Instruments TS3USB30E Datasheet HTML 11Page - Texas Instruments TS3USB30E Datasheet HTML 12Page - Texas Instruments TS3USB30E Datasheet HTML 13Page - Texas Instruments TS3USB30E Datasheet HTML 14Page - Texas Instruments TS3USB30E Datasheet HTML 15Page - Texas Instruments TS3USB30E Datasheet HTML 16Page - Texas Instruments TS3USB30E Datasheet HTML 17Page - Texas Instruments TS3USB30E Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
8.2.3 Application Curves
Time ( 10 ) (s)
x
–9
0.5
–0.5
0.4
0.4
1.0
1.6
–0.4
0.3
–0.3
0.2
0.2
0.8
1.4
2.0
–0.2
0.1
–0.1
0.0
0.0
0.6
1.2
1.8
Figure 8-2. Eye Pattern: 480Mbps USB Signal With
No Switch (Through Path)
Time ( 10 ) (s)
x
–9
0.5
–0.5
0.4
0.4
1.0
1.6
–0.4
0.3
–0.3
0.2
0.2
0.8
1.4
2.0
–0.2
0.1
–0.1
0.0
0.0
0.6
1.2
1.8
Figure 8-3. Eye Pattern: 480Mbps USB Signal With
Switch NC Path
Time ( 10 ) (s)
x
–9
0.5
–0.5
0.4
0.4
1.0
1.6
–0.4
0.3
–0.3
0.2
0.2
0.8
1.4
2.0
–0.2
0.1
–0.1
0.0
0.0
0.6
1.2
1.8
Figure 8-4. Eye Pattern: 480Mbps USB Signal With Switch NO Path
8.3 Power Supply Recommendations
Power to the device is supplied through the VCC pin and must follow the USB 1.0, 1.1, and 2.0 standards. TI
recommends placing a bypass capacitor as close as possible to the supply pin VCC to help smooth out lower
frequency noise to provide better load regulation across the frequency spectrum.
8.4 Layout
8.4.1 Layout Guidelines
Place supply bypass capacitors as close to VCC pin as possible and avoid placing the bypass caps near the D+
and D– traces.
The high-speed D+ and D– traces must always be of equal length and must be no more than 4 inches;
otherwise, the eye diagram performance may be degraded. A high-speed USB connection is made through a
shielded, twisted pair cable with a differential characteristic impedance. In the layout, make sure the impedance
of D+ and D– traces match the cable characteristic differential impedance for optimal performance.
Route the high-speed USB signals using a minimum of vias and corners to reduce signal reflections and
impedance changes. When a via must be used, increase the clearance size around the via to minimize the
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com