Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB30E Datasheet(PDF) 12 Page - Texas Instruments

Part # TS3USB30E
Description  TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB30E Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS3USB30E Datasheet HTML 8Page - Texas Instruments TS3USB30E Datasheet HTML 9Page - Texas Instruments TS3USB30E Datasheet HTML 10Page - Texas Instruments TS3USB30E Datasheet HTML 11Page - Texas Instruments TS3USB30E Datasheet HTML 12Page - Texas Instruments TS3USB30E Datasheet HTML 13Page - Texas Instruments TS3USB30E Datasheet HTML 14Page - Texas Instruments TS3USB30E Datasheet HTML 15Page - Texas Instruments TS3USB30E Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
7 Detailed Description
7.1 Overview
The TS3USB30E is a high-bandwidth switch specially designed for the switching and isolating of high-speed
USB 2.0 signals in systems with limited USB I/Os. The wide bandwidth (1400MHz) of this switch allows signals
to pass with minimum edge and phase distortion. The device multiplexes differential outputs from a USB host
device to one of two corresponding outputs or from two different hosts to one corresponding output. The switch
is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. The switch is designed
for low bit-to-bit skew and high channel-to-channel noise isolation, and is compatible with various standards such
as high-speed USB 2.0 (480Mbps).
7.2 Functional Block Diagram
D1+
D1–
D2+
D2–
Control
D+
D–
S
OE
7.3 Feature Description
The TS3USB30E has a bus-switch enable pin OE that can place the signal paths in high impedance. This allows
the user to isolate the bus when the bus is not in use to consume less current.
7.4 Device Functional Modes
The device functional modes are shown in Table 7-1.
Table 7-1. Truth Table
S
OE
FUNCTION
X
H
Disconnect
L
L
D = D1
H
L
D = D2
TS3USB30E
SCDS255G – DECEMBER 2008 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com