Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031RMGRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS3USB3031RMGRG4
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031RMGRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB3031RMGRG4 Datasheet HTML 1Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 2Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 3Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 4Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 5Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 6Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 7Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 8Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
VCC
D+
D-
GND
USB1+
USB1-
USB2+
USB2-
1
2
12
11
10
9
8
7
6
5
4
3
Figure 4-1. RMG Package, 12-Pin VQFN (Top View)
12
11
10
9
6
5
4
3
1
8
2
7
USB1+
USB1-
USB2+
USB2-
VCC
D+
D-
GND
Figure 4-2. RMG Package, 12-Pin VQFN (Bottom
View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SEL0
1
I
Digital control Input
SEL1
2
I
Digital control Input
USB1+
3
I/O
Differential signal path 1
USB1–
4
I/O
Differential signal path 1
USB2+
5
I/O
Differential signal path 2
USB2–
6
I/O
Differential signal path 2
MHL+
7
I/O
Differential signal path 3
MHL–
8
I/O
Differential signal path 3
GND
9
G
Ground
D–
10
I/O
Common Differential signal path
D+
11
I/O
Common Differential signal path
VCC
12
P
Power Supply
(1)
G = Ground, I = Input, O = Output, P = Power
www.ti.com
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com