Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031RMGRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3USB3031RMGRG4
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031RMGRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB3031RMGRG4 Datasheet HTML 1Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 2Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 3Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 4Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 5Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 6Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 7Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 8Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High-
Definition Link (MHL) or Mobility Display Port (MyDP) Switch
1 Features
• VCC range: 2.5V to 4.3V
• Mobile high-definition link (MHL) or mobility display
port (MyDP) switch:
– Bandwidth (–3dB): 6.5GHz
– RON (typical): 5.5Ω
– CON (typical): 1.3pF
• USB switches (2 sets):
– Bandwidth (–3dB): 6.5GHz
– RON (typical): 4.5Ω
– CON (typical): 1pF
• Current consumption: 28µA (typical)
• Special features:
– IOFF protection prevents current leakage in
powered-down state (VCC = 0V)
– 1.8V compatible control inputs (SEL)
– Overvoltage tolerance (OVT) on all I/O pins up
to 5.5V without external components
• ESD performance:
– 2kV human-body model (A114B, class II)
– 1kV charged-device model (C101)
• Package:
– 12-pin VQFN package (1.8mm × 1.8mm,
0.4mm pitch)
2 Applications
• Smart phones
• Tablets
• Mobile phones
• Portable instrumentation
• Digital cameras USB 2.0 MHL
3 Description
The TS3USB3031 device is a 2-channel, 1:3
multiplexer that includes a high-speed Mobile High-
Definition Link (MHL), Mobility Display Port (MyDP)
switch, and USB 2.0 High-Speed (480Mbps) switches
in the same package. These configurations allow the
system designer to save board space and eliminate
multiple connectors buy using a common USB or
Mico-USB connector for MHL/MyDP signals and two
sets of USB data. The MHL/MyDP path supports the
latest MHL Rev. 3.0 specification.
The TS3USB3031 has a VCC range of 2.5V to 4.3V
and supports overvoltage tolerance (OVT) feature,
which allows the I/O pins to withstand overvoltage
conditions (up to 5.5V). The power-off protection
feature forces all I/O pins to be in high impedance
mode when power is not present, allowing full
isolation of the signals lines under such condition
without excessive leakage current. The select pins
of TS3USB3031 are compatible with 1.8V control
voltage, allowing them to be directly interfaced with
the General Purpose I/O (GPIO) from a mobile
processor with out needing additional voltage level
shifting circuitry.
The TS3USB3031 is available in a small 1.8mm ×
1.8mm 12-pin VQFN package designed for mobile
applications.
Package Information
PART NUMBER
PACKAGE(1)
PACAKGE SIZE(2)
TS3USB3031
RMG (VQFN, 12)
1.8mm × 1.8mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
D+
MHL+
USB1+
Control
Logic
SEL0
SEL1
TS3USB3031
USB2+
D-
MHL-
USB1-
USB2-
Copyright © 2016, Texas Instruments Incorporated
Switch Diagram
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS3USB3031RMGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3031RMGR TI1-TS3USB3031RMGR Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
More results

Similar Description - TS3USB3031RMGRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
Mobile High-Definition Link (MHL) Technology Transmitter
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
logo
Will Semiconductor Ltd.
WAS4731Q WILLSEMI-WAS4731Q Datasheet
497Kb / 9P
3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com