Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3031RMGRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3USB3031RMGRG4
Description  TS3USB3031 2-Channel, 1:3, USB 2.0 High-Speed (480Mbps) and Mobile High- Definition Link (MHL) or Mobility Display Port (MyDP) Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB3031RMGRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB3031RMGRG4 Datasheet HTML 2Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 3Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 4Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 5Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 6Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 7Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 8Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 9Page - Texas Instruments TS3USB3031RMGRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TA = –40°C to 85°C, Typical values are at VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
XTALK (MHL)
MHL channel crosstalk
VS = –10 dBm, VDC_BIAS = 2.4 V, RT = 50 Ω, f = 240 MHz
(see Figure 6-4), Switch ON
–41
dB
XTALK (USB)
USB channel crosstalk
VS = –10 dBm, VDC_BIAS = 0.2 V, RT = 50 Ω, f = 240 MHz
(see Figure 6-4), Switch ON
–38
dB
BW(MHL)
MHL path, –3-dB bandwidth
VCC = 2.5 V to 4.3 V, RL = 50 Ω (see Figure 6-5), Switch ON
6.5
GHz
BW(USB)
USB path, –3-dB bandwidth
VCC = 2.5 V to 4.3 V, RL = 50Ω (See Figure 6-5), Switch ON
6.5
GHz
SUPPLY
VCC
Power supply voltage
2.5
4.3
V
ICC
Positive supply current
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V,
Switch ON or OFF
28
40
µA
5.7 Typical Characteristics
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input Voltage (V)
C002
Figure 5-1. ON-Resistance vs VI/O for MHL Switch
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Input Voltage (V)
C002
Figure 5-2. ON-Resistance vs VI/O for USB Switch
Figure 5-3. Bandwidth for MHL Switch
Figure 5-4. Bandwidth for USB Switch
TS3USB3031
SCDS348D – SEPTEMBER 2013 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TS3USB3031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com