Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1210 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
5 Pin Configuration and Functions
1
REFCLK
24
N/C
2
NXT
23
ID
3
DATA0
22
VBUS
4
DATA1
21
VBAT
5
DATA2
20
VDD33
6
DATA3
19
DM
7
DATA4
18
DP
8
N/C
17
CPEN
Not to scale
GND
Figure 5-1. RHB Package Top View
Table 5-1. Pin Functions
PIN
A/D
TYPE
LEVEL
DESCRIPTION
NAME
NO.
CFG
14
D
I
VDDIO
REFCLK clock frequency configuration pin. Two frequencies are supported: 19.2 MHz
when 0, or 26 MHz when 1.
CLOCK
26
D
O
VDDIO
ULPI 60 MHz clock on which ULPI data is synchronized.
Two modes are possible:
Input Mode: CLOCK defaults as an input.
Output Mode: When an input clock is detected on REFCLK pin (after 4 rising edges)
then CLOCK will change to an output.
CPEN
17
D
O
VDD33
CMOS active-high digital output control of external 5 V VBUS supply
CS
11
D
I
VDDIO
Active-high chip select pin. When low the IC is in power down and ULPI bus is
tri-stated. When high normal operation. Tie to VDDIO if unused.
DATA0
3
D
I/O
VDDIO
ULPI DATA input or output signal 0 synchronized to CLOCK
DATA1
4
D
I/O
VDDIO
ULPI DATA input or output signal 1 synchronized to CLOCK
DATA2
5
D
I/O
VDDIO
ULPI DATA input or output signal 2 synchronized to CLOCK
DATA3
6
D
I/O
VDDIO
ULPI DATA input or output signal 3 synchronized to CLOCK
DATA4
7
D
I/O
VDDIO
ULPI DATA input or output signal 4 synchronized to CLOCK
DATA5
9
D
I/O
VDDIO
ULPI DATA input or output signal 5 synchronized to CLOCK
DATA6
10
D
I/O
VDDIO
ULPI DATA input or output signal 6 synchronized to CLOCK
DATA7
13
D
I/O
VDDIO
ULPI DATA input or output signal 7 synchronized to CLOCK
DIR
31
D
O
VDDIO
ULPI DIR output signal
DM
19
A
I/O
VDD33
DM pin of the USB connector
DP
18
A
I/O
VDD33
DP pin of the USB connector
ID
23
A
I/O
VDD33
Identification (ID) pin of the USB connector
N/C
8, 15,16,
24, 25
—
—
—
No connection
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com