Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1210 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
6.9 Pullup/Pulldown Resistors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
RPUI
Bus pullup resistor on upstream port
(idle bus)
Bus idle
0.9
1.1
1.575
kΩ
RPUA
Bus pullup resistor on upstream port
(receiving)
Bus driven/driver's outputs unloaded
1.425
2.2
3.09
VIHZ
High (floating)
Pullups/pulldowns on both DP and DM
lines
2.7
3.6
V
VPH_DP_UP
Phone D+ pullup voltage
Driver's outputs unloaded
3
3.3
3.6
V
Pulldown resistors
RPH_DP_DWN
Phone D+/– pulldown
Driver's outputs unloaded
14.25
18
24.8
kΩ
RPH_DM_DWN
VIHZ
High (floating)
Pullups/pulldowns on both DP and DM
lines
2.7
3.6
V
D+/– Data line
CINUB
Upstream facing port
[1.0]
22
75
pF
VOTG_DATA_LKG
On-the-go device leakage
[2]
0.342
V
ZINP
Input impedance exclusive of pullup/
pulldown 
Driver's outputs unloaded
300
kΩ
6.10 OTG Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX UNIT
OTG VBUS Electrical
VBUS Comparators
VA_SESS_VLD
A-device session valid
0.8
1.4
2.0
V
VA_VBUS_VLD
A-device VBUS valid
4.4
4.5
4.625
V
VB_SESS_END
B-device session end
0.2
0.5
0.8
V
VB_SESS_VLD
B-device session valid
2.1
2.4
2.7
V
VBUS Line
RA_BUS_IN
A-device VBUS input impedance
to ground
SRP (VBUS pulsing) capable A-device not driving
VBUS
40
70
100
kΩ
RB_SRP_DWN
B-device VBUS SRP pulldown
5.25 V / 8 mA, Pullup voltage = 3 V
0.656
10
kΩ
RB_SRP_UP
B-device VBUS SRP pullup
(5.25 V – 3 V) / 8 mA, Pullup voltage = 3 V
0.281
1
2
kΩ
tRISE_SRP_UP_MAX
B-device VBUS SRP rise
time maximum for OTG-A
communication
0 to 2.1 V with < 13 μF
load
RVBUS = 0 Ω
and R1KSERIES = '0'
31.4
ms
RVBUS = 1000 Ω ±10%
and R1KSERIES = '1'
57.8
RVBUS = 1200 Ω ±10%
and R1KSERIES = '1'
64
RVBUS = 1800 Ω ±10%
and R1KSERIES = '1'
85.4
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com