Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320HAI Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB320HAI Datasheet HTML 1Page - Texas Instruments TUSB320HAI Datasheet HTML 2Page - Texas Instruments TUSB320HAI Datasheet HTML 3Page - Texas Instruments TUSB320HAI Datasheet HTML 4Page - Texas Instruments TUSB320HAI Datasheet HTML 5Page - Texas Instruments TUSB320HAI Datasheet HTML 6Page - Texas Instruments TUSB320HAI Datasheet HTML 7Page - Texas Instruments TUSB320HAI Datasheet HTML 8Page - Texas Instruments TUSB320HAI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
GND
8
7
2
1
VBUS_DET
4
11
EN
PORT
VDD
3
12
ADDR
5
10
ID
6
9
INT_N/OUT3
GND
8
7
2
1
VBUS_DET
4
11
EN_N
PORT
VDD
3
12
ADDR
5
10
ID
6
9
INT_N/OUT3
3
TUSB320LAI, TUSB320HAI
www.ti.com
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RWB Package
12-Pin X2QFN
TUSB320LA Top View
RWB Package
12-Pin X2QFN
TUSB320HA Top View
(1)
When VDD is off, the TUSB320 non-failsafe pins (VBUS_DET, ADDR, PORT, OUT[3:1] pins) could back-drive the TUSB320 device if not
handled properly. When necessary to pull these pins up, it is recommended to pullup PORT, ADDR, and INT_N/OUT3 to the device VDD
supply. The VBUS_DET must be pulled up to VBUS through a 900-kΩ resistor.
(2)
When using the 3.3 V supply for I2C, the end user must ensure that the VDD is 3 V and above. Otherwise the I
2C may back power the
device.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
TUSB320LA
TUSB320HA
CC1
1
1
I/O
Type-C configuration channel signal 1
CC2
2
2
I/O
Type-C configuration channel signal 2
PORT(1)
3
3
I
Tri-level input pin to indicate port mode. The state of this pin is sampled when EN_N is
asserted low in the TUSB320L device, EN is asserted high in the TUSB320H device, and VDD
is active. This pin is also sampled following a I2C_SOFT_RESET.
H - DFP (Pull-up to VDD if DFP mode is desired)
NC - DRP (Leave unconnected if DRP mode is desired)
L - UFP (Pull-down or tie to GND if UFP mode is desired)
VBUS_DET(1)
4
4
I
5-V to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ
external resistor required between system VBUS and VBUS_DET pin.
ADDR(1)
5
5
I
Tri-level input pin to indicate I2C address or GPIO mode:
H — I2C is enabled and I2C 7-bit address is 0x67.
NC — GPIO mode (I2C is disabled)
L — I2C is enabled and I2C 7-bit address is 0x47.
ADDR pin should be pulled up to VDD if high configuration is desired
INT_N/OUT3(1)
6
6
O
The INT_N/OUT3 is a dual-function pin. When used as the INT_N, the pin is an open drain
output in I2C control mode and is an active low interrupt signal for indicating changes in I2C
registers. When used as OUT3, the pin is in audio accessory detect in GPIO mode: no
detection (H), audio accessory connection detected (L).
SDA/OUT1(1)(2)
7
7
I/O
The SDA/OUT1 is a dual-function pin. When I2C is enabled (ADDR pin is high or low), this pin
is the I2C communication data signal. When in GPIO mode (ADDR pin is NC), this pin is an
open drain output for communicating Type-C current mode detect when the device is in UFP
mode: Refer to Table 3 for more details.
SCL/OUT2(1)(2)
8
8
I/O
The SCL/OUT2 is a dual function pin. When I2C is enabled (ADDR pin is high or low), this pin
is the I2C communication clock signal. When in GPIO mode (ADDR pin is NC), this pin is an
open drain output for communicating Type-C current mode detect when the device is in UFP
mode: Refer to Table 3 for more details.
ID
9
9
O
Open drain output; asserted low when the CC pins detect device attachment when port is a
source (DFP), or dual-role (DRP) acting as source (DFP).
GND
10
10
G
Ground
EN_N
11
—
I
Enable signal; active low. Pulled up to VDD internally to disable the TUSB320L device. If
controlled externally, must be held low at least for 50 ms after VDD has reached its valid
voltage level.
EN
—
11
I
Enable signal; active high. Pulled down to GND internally to disable the TUSB320H device. If
controlled externally, must be held low at least for 50 ms after VDD has reached its valid
voltage level.
VDD
12
12
P
Positive supply voltage. VDD must ramp within 25 ms or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com