Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320HAI Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB320HAI Datasheet HTML 5Page - Texas Instruments TUSB320HAI Datasheet HTML 6Page - Texas Instruments TUSB320HAI Datasheet HTML 7Page - Texas Instruments TUSB320HAI Datasheet HTML 8Page - Texas Instruments TUSB320HAI Datasheet HTML 9Page - Texas Instruments TUSB320HAI Datasheet HTML 10Page - Texas Instruments TUSB320HAI Datasheet HTML 11Page - Texas Instruments TUSB320HAI Datasheet HTML 12Page - Texas Instruments TUSB320HAI Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VBUS
Rp (56k ± 5%)
CC
CC
TUSB320
Legacy Host Adapter
Rd (5.1k ± 10%)
900 k
± 1%
VBUS_DET
To System VBUS detection
Copyright © 2016, Texas Instruments Incorporated
9
TUSB320LAI, TUSB320HAI
www.ti.com
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Overview (continued)
•
USB full-featured Type-C plug
•
USB2.0 Type-C plug
7.1.1.2 USB Type-C Cables
Below is a list of Type-C cables types supported by the TUSB320 devices:
•
USB full-featured Type-C cable
•
USB2.0 Type-C cable with USB2.0 plug
•
Captive cable on remote device with either a USB full-featured plug or USB2.0 plug
7.1.1.3 Legacy Cables and Adapters
The TUSB320 devices support legacy cable adapters as defined by the Type-C specification. The cable adapter
must correspond to the mode configuration of a TUSB320 device.
Figure 3 displays the TUSB320 Legacy Adapter Implementation Circuit.
Figure 3. Legacy Adapter Implementation Circuit
7.1.1.4 Direct Connect Devices
The TUSB320 devices support the attaching and detaching of a direct-connect device.
7.1.1.5 Audio Adapters
Additionally, the TUSB320 devices support audio adapters for audio accessory mode, including:
•
Passive Audio Adapter
•
Charge Through Audio Adapter
7.2 Feature Description
7.2.1 Port Role Configuration
The TUSB320 devices can be configured as a downstream facing port (DFP), upstream facing port (UFP), or
dual-role port (DRP) using the tri-level PORT pin. The PORT pin should be pulled high to VDD using a pullup
resistance, low to GND or left as floated on the PCB to achieve the desired mode. This flexibility allows a
TUSB320 device to be used in a variety of applications. A TUSB320 device samples the PORT pin after reset
and maintains the desired mode until the TUSB320 device is reset again. The port role can also be selected
through I2C registers. Table 1 lists the supported features in each mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com