| Electronic Components Datasheet Search |
|
TUSB320HAI Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB320HAI Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 38 page ![]() 13 TUSB320LAI, TUSB320HAI www.ti.com SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017 Product Folder Links: TUSB320LAI TUSB320HAI Submit Documentation Feedback Copyright © 2015–2017, Texas Instruments Incorporated (1) Required; not in sequential order. 7.3 Device Functional Modes The TUSB320 device has four functional modes. Table 4 lists these modes: Table 4. USB Type-C States According to TUSB320 Functional Modes MODES GENERAL BEHAVIOR PORT PIN STATES(1) Unattached USB port unattached. ID, PORT operational. I2C on. CC pins configure according to PORT pin. UFP Unattached.SNK Unattached.Accessory AttachWait.Accessory AttachWait.SNK DRP Toggle Unattached.SNK → Unattached.SRC AttachedWait.SRC or AttachedWait.SNK DFP Unattached.SRC AttachWait.SRC Active USB port attached. All GPIOs operational. I2C on. UFP Attached.SNK Audio accessory Debug accessory.SNK DRP Attached.SNK Attached.SRC Audio accessory Debug accessory.SNK or Debug accessory.SRC DFP Attached.SRC Audio accessory Debug accessory.SRC Dead battery No operation. VDD not available. UFP/DRP/DFP Default device state to UFP/SNK with Rd. Shutdown VDD available. TUSB320LA EN_N pin high. TUSB320HA EN pin low. UFP/DRP/DFP Default device state to UFP/SNK with Rd. 7.3.1 Unattached Mode Unattached mode is the primary mode of operation for the TUSB320 device, because a USB port can be unattached for a lengthy period of time. In unattached mode, VDD is available, and all IOs and I 2C are operational. After the TUSB320 device is powered up, the part enters unattached mode until a successful attach has been determined. Initially, right after power up, the TUSB320 device comes up as an Unattached.SNK. The TUSB320 device checks the PORT pin and operates according to the mode configuration. The TUSB320 device toggles between the UFP and the DFP if configured as a DRP. In unattached mode, I2C can be used to change the mode configuration or port role if the board configuration of the PORT pin is not the desired mode. Writing to the I2C MODE_SELECT register can override the PORT pin in unattached mode. The PORT pin is only sampled at reset (EN_N high to low transition for the TUSB320LA device or the EN low to high transition for theTUSB320HA device), after I2C_SOFT_RESET, or power up. I2C must be used after reset to change the device mode configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |