Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB321 Datasheet HTML 1Page - Texas Instruments TUSB321 Datasheet HTML 2Page - Texas Instruments TUSB321 Datasheet HTML 3Page - Texas Instruments TUSB321 Datasheet HTML 4Page - Texas Instruments TUSB321 Datasheet HTML 5Page - Texas Instruments TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 11
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 13
8.3
Initialization Set Up ................................................ 17
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Example .................................................... 17
11
Device and Documentation Support ................. 18
11.1
Receiving Notification of Documentation Updates 18
11.2
Community Resources.......................................... 18
11.3
Trademarks ........................................................... 18
11.4
Electrostatic Discharge Caution ............................ 18
11.5
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
Changes from Revision B (September 2016) to Revision C
Page
Deleted Feature "Industrial Temperature Range of –40 to 85°C" ......................................................................................... 1
Deleted text from the Description: "The TUSB321 device is available in industrial and commercial temperature
ranges." ................................................................................................................................................................................. 1
Changed pin VBUS_DET description From: 900-kΩ To: RVBUS in Pin Functions table. ........................................................ 3
Changed RVBUS values From: MIN = 891, TYP = 900, MAX = 909 KΩ To: MIN = 855, TYP = 887, MAX = 920 KΩ ........... 6
Changed resister value From: 900 kΩ To: To: RVBUS in Figure 3........................................................................................... 8
Changed resister value From: 900 kΩ To: To: RVBUS in Functional Block Diagram............................................................... 9
Changed From: The system VBUS voltage must be routed through a 900-kΩ resistor to the VBUS_DET pin .. To: The
system VBUS voltage must be routed through a RVBUS resistor to the VBUS_DET pin .. in the VBUS Detection................... 11
Added resister RVBUS in Figure 4 .......................................................................................................................................... 14
Added row for RVBUS to Table 4 ........................................................................................................................................... 15
Changed From: must be connected through a 900-kΩ resistor to VBUS on the Type-C... To: must be connected
through a RVBUS resistor to VBUS on the Type-C .. in the Detailed Design Procedure.......................................................... 15
Changes from Revision A (June 2015) to Revision B
Page
Changed pins CC1 and CC2 values From: MIN = –0.3 MAX = VDD + 0.3 To: MIN –0.3 MAX = 6 in the Absolute
Maximum Ratings ................................................................................................................................................................... 4
Changes from Original (June 2015) to Revision A
Page
Changed device status from Product Preview to Production Data ....................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com