Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB321 Datasheet HTML 10Page - Texas Instruments TUSB321 Datasheet HTML 11Page - Texas Instruments TUSB321 Datasheet HTML 12Page - Texas Instruments TUSB321 Datasheet HTML 13Page - Texas Instruments TUSB321 Datasheet HTML 14Page - Texas Instruments TUSB321 Datasheet HTML 15Page - Texas Instruments TUSB321 Datasheet HTML 16Page - Texas Instruments TUSB321 Datasheet HTML 17Page - Texas Instruments TUSB321 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
VBUS
DP
DM
CC1
CC2
TUSB321
CC2
CC1
VBUS_DET
USB VBUS Switch
VOUT
VIN
150 µF
PORT
100 nF
VDD_5V
200 kW
VCONN_FAULT
CURRENT_MODE
ID
10 kW
200 kW
VCC_3.3V
EN
FAULT
DM
DP
PS_EN
PS_FAULT
ID
FAULT
OEN
A0P
A0N
A1P
A1N
B0P
B0N
B1P
B1N
C0P
C0N
C1P
C1N
SEL
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
TXN1
TXP1
RXN1
RXP1
TXP2
TXN2
RXP2
RXN2
SSTXP
SSTXN
SSRXP
SSRXN
VCC_3.3V
10 kW
VCC_3.3V
100 nF
100 nF
100 nF
4.7 kW
100 µF
System VBUS
100 nF
USB3 Host
and
PMIC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B12
B11
A1
A12
A2
A3
A5
A11
A6
A7
A8
A9
A10
A4
VBUS
R
14
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 4. DFP Mode Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com