Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB321 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments TUSB321 Datasheet HTML 10Page - Texas Instruments TUSB321 Datasheet HTML 11Page - Texas Instruments TUSB321 Datasheet HTML 12Page - Texas Instruments TUSB321 Datasheet HTML 13Page - Texas Instruments TUSB321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Supported Features for the v Device by Mode
PORT PIN
HIGH
(DFP ONLY)
LOW
(UFP ONLY)
NC
(DRP)
SUPPORTED
FEATURES
Port attach and
detach
Yes
Yes
Yes
Cable orientation
Yes
Yes
Yes
Current advertisement
Yes
-
Yes (DFP)
Current detection
-
Yes
Yes (UFP)
Active cable detection
Yes
-
Yes (DFP)
VCONN
Yes
-
Yes (DFP)
Legacy cables
Yes
Yes
Yes
VBUS detection
-
Yes
Yes (UFP)
7.3.1.1 Downstream Facing Port (DFP) - Source
The TUSB321 device can be configured as a DFP only by pulling the PORT pin high through a resistance to
VDD. In DFP mode, the TUSB321 device constantly presents Rps on both CC. In DFP mode, the TUSB321
device advertises USB Type-C current based on the state of the CURRENT_MODE pin.
When configured as a DFP, the TUSB321 can operate with older USB Type-C 1.0 devices except for a USB
Type-C 1.0 DRP device. The TUSB321 can not operate with a USB Type-C 1.0 DRP device. This limitation is a
result of backwards compatibility problem between USB Type-C 1.1 DFP and a USB Type-C 1.0 DRP.
7.3.1.2 Upstream Facing Port (UFP) - Sink
The TUSB321 device can be configured as a UFP only by pulling the PORT pin low to GND. In UFP mode, the
TUSB321 device constantly presents pulldown resistors (Rd) on both CC pins. The TUSB321 device monitors
the CC pins for the voltage level corresponding to the Type-C mode current advertisement by the connected
DFP. The TUSB321 device debounces the CC pins and wait for VBUS detection before successfully attaching. As
a UFP, the TUSB321 device detects and communicates the advertised current level of the DFP to the system
through the OUT1 and OUT2 pins.
7.3.1.3 Dual Role Port (DRP)
The TUSB321 device can be configured to operate as a DRP when the PORT pin is left floated on the PCB. In
DRP mode, the TUSB321 device toggles between operating as a DFP and a UFP. When functioning as a DFP in
DRP mode, the TUSB321 device complies with all operations as defined for a DFP according to the Type-C
Specification. When presenting as a UFP in DRP mode, the TUSB321 device operates as defined for a UFP
according to the Type-C Specification.
7.3.2 Type-C Current Mode
The TUSB321 device supports both advertising and detection of Type-C current. When TUSB321 is a UFP or a
DRP connected as a sink, the OUT1 and OUT2 pins are used to inform the system the detected USB Type-C
current being broadcasted by the attached DFP. When TUSB321 device is a DFP or a DRP connected as a
source, the CURRENT_MODE pin is used to advertise the USB Type-C current. The current advertisement for
the TUSB321 device is 500 mA (for USB2.0) or 900 mA (for USB3.1) if CURRENT_MODE pin is left
unconnected or pulled to GND. If a higher level of current is required, the CURRENT_MODE can be pulled up to
VDD through a 500-kΩ resistor to advertise medium current at 1.5 A or pulled up to VDD through a 10-kΩ
resistor to advertise high current at 3 A. Table 2 lists the Type-C current advertisements and detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com