Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB542 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB542 Datasheet HTML 1Page - Texas Instruments TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5.5 Electrical Characteristics, Power Supply Currents
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
ICC(ACTIVE
)
Average active current; link in U0 with SuperSpeed data transmission; OS = 0.9V; DE
= 0dB
100
130
mA
ICC(U2/U3)
Average current in U2/U3
1.3
mA
ICC(NC)
Average current with no connection
No SuperSpeed device is connected to TXP/TXN
0.3
mA
5.6 Electrical Characteristics, DC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRI-STATE CMOS INPUTS (CNFG_A1, CNFG_B1, CNFG_A2 and CNFG_B2)
VIH
High-level input voltage
VCC x 0.75
V
VIM
Mid-level input voltage
VCC / 2
V
VIL
Mid-level input voltage
VCC x 0.25
V
VF
Floating voltage
VIN = High impedance
VCC / 2
V
R(PU)
Internal pull-up resistance
105
kΩ
R(PD)
Internal pull-down resistance
105
kΩ
IIH
High-level input current
VIN = 1.98V
26
µA
IIL
Low-level input current
VIN = GND
–26
µA
Ilkg
External leakage current (from
application board + Application
Processor pin high impedance)
tolerance
VIN = GND or VIN = 1.98V
–1
1
µA
CMOS INPUT – SEL
VIH
High-level input voltage
VCC x 0.7
V
VIL
Mid-level input voltage
VCC x 0.3
V
IIH
High-level input current
VIN = 1.98V
5
µA
IIL
Low-level input current
VIN = GND
–16
µA
www.ti.com
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com