Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB542 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB542 Datasheet HTML 1Page - Texas Instruments TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
1 Features
• Provides USB 3.1 Gen-1 5Gbps Super Speed (SS)
2:1 mux for a USB Type-C™ port
• Supports USB Type-C cable and connector
specifications
• Ultra low-power architecture:
– Active 100mA
– U2/U3 1.3mA
– No connection 300μA
• Selectable equalization up to 9dB, de-emphasis,
and output swing up to 6dB
• Integrated termination
• RX-detect function
• Signal monitoring for power management
• No host or device side requirement – supports
USB-C DFP, UFP or DRP port
• Single supply voltage 1.8V ±10%
• Industrial temperature range of –40 – 85°C
2 Applications
• USB 3.1 Gen 1 SS application:
– Phones
– Tablets, phablets, and notebooks
– Docking stations
3 Description
The TUSB542 is a dual channel USB 3.1 Gen1
(5Gbps), also known as USB-C, re-driver supporting
systems with USB Type-C connectors. The device
offers signal conditioning plus the ability to switch
the USB SS signals for the USB Type-C flippable
connector. The TUSB542 can be controlled through
the SEL pin by an external Configuration Channel
Logic Controller to properly mux the signals.
The TUSB542 incorporates receiver equalization and
transmitter de-emphasis to maintain signal integrity on
both transmit and receive data paths. The receiver
equalization offers multiple gain settings to overcome
channel degradation from insertion loss and inter-
symbol interference. To compensate for downstream
transmission line losses, the output driver supports
de-emphasis configuration. Additionally, automatic
LFPS de-emphasis control allows for full compliance.
The TUSB542 offers low power consumption on a
1.8V supply with its ultra-low power architecture. The
re-driver supports low power modes, which further
reduce the idle power consumption.
The USB Type-C redriver is available in a small ultra-
thin package, which is an excellent choice for many
portable applications.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TUSB542
RWQ (X2QFN, 18)
2.4mm × 2mm
(1)
For more information, see Section 10
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TX_CON_2
RX_CON_1
TX_CON_1
TX_AP
RX_CON_2
RX_AP
Host
Processor
(USB Device)
SEL
CC1
CC2
Type-C
Connector
CC/PD
Controller
Copy right © 2016, Tex as Ins trum ents Inc orporated
TUSB542
Simplified Schematic
Sample Application
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB542RWQR TI1-TUSB542RWQR Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
More results

Similar Description - TUSB542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Pericom Semiconductor C...
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com