Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB542 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB542
Description  TUSB542 USB Type-CTM 5Gbps Redriver 2:1 MUX
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB542 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
5.7 Electrical Characteristics, Dynamic
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Receiver
V(RX-DC-CM)
RX DC common mode voltage
0
2
V
R(RX-CM-DC)
Receiver DC common mode
impedance
Measured at connector. Present when
SuperSpeed USB device detected on TX
pins.
18
30
Ω
R(RX-DIFF-DC)
Receiver DC differential impedance
Measured at connector. Present when
SuperSpeed USB device detected on TX
pins.
72
120
Ω
Z(RX-HIGH-IMP-DC-POS)
DC input CM input impedance when
termination is disabled.
Measured at connector. Present when no
SuperSpeed USB device detected on TX
pins or while VCC is ramping.
25
kΩ
V(RX-LFPS-DET-DIFF-P-P)
LFPS Detect threshold. Below min is
noise.
Measured at connector. Below min is
squelched.
0.1
0.3
V
V(RX-CM-AC-P)
Peak RX AC common mode voltage Measured at package pin.
150
mV
C(RX-PARASITIC)
Rx Input capacitance for return loss
At package pin to AC GND.
1.1
pF
Differential Transmitter
V(TX-DIFF-PP)
Differential peak-to-peak TX voltage
swing
OS Low, 0dB DE
0.9
V
OS High, 0dB DE
1.1
V
V(TX-DIFF- PP-LFPS)
LFPS differential voltage swing
OS Low, High
0.8
1.2
V
V(TX-DE- RATIO)
Transmitter de-emphasis
Low
0
dB
Mid
3.5
dB
High
6
dB
V(TX-RCV-DETECT)
The amount of voltage change
allowed during Receiver Detection.
0.6
V
V(TX-DC-CM)
TX DC common mode voltage
The instantaneous allowed DC common-
mode voltage at connector side of AC
coupling capacitor.
0
2
V
V(TX-IDLE-DIFF-AC-PP)
AC Electrical Idle differential peak-to-
peak output voltage
At package pin.
0
10
mV
V(TX-IDLE-DIFF_DC)
DC Electrical Idle differential output
voltage
At package pin. After low pass filter to
remove AC component.
0
10
nV
V(TX-CM-DC-ACTIVE-IDLE-
DELTA)
Absolute DC common mode voltage
between U1 and U0.
At package pin.
0.2
V
I(TX-SHORT)
TX short-circuit current limit
60
mA
R(TX-DC)
TX DC common mode impedance
At package pins
18
30
Ω
R(TX-DIFF-DC)
TX DC differential impedance
72
120
Ω
C(TX-PARASTIC)
TX input capacitance for return loss
At package pins to AC GND
1.25
pF
T(jitter)
Total Residual Jitter (peak to peak)
12
ps
5.8 Electrical Characteristics, AC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Xtalk
Differential Cross talk between TX and RX
Signal Pairs
at 2.5 GHz, TX to RX
–45
dB
TUSB542
SLLSER3F – DECEMBER 2015 – REVISED DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com