Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB522PIRGET.A Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB522PIRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PIRGET.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB522PIRGET.A Datasheet HTML 18Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 19Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 20Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 21Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 22Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 23Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 24Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 25Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PACKAGE OUTLINE
www.ti.com
4224376 / C 07/2021
VQFN - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RGE0024C
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
4.1
3.9
4.1
3.9
PIN 1 INDEX AREA
1 MAX
0.05
0.00
SEATING PLANE
C
2X 2.5
2.1±0.1
2X
2.5
20X 0.5
1
6
7
12
13
18
19
24
24X 0.30
0.18
24X 0.50
0.30
(0.2) TYP
PIN 1 ID
(OPTIONAL)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com