Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB522PIRGET.A Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB522PIRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PIRGET.A Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB522PIRGET.A Datasheet HTML 18Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 19Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 20Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 21Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 22Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 23Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 24Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 25Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations..
EXAMPLE STENCIL DESIGN
4224376 / C 06/2021
www.ti.com
VQFN - 1 mm max height
RGE0024C
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
80% PRINTED COVERAGE BY AREA
SCALE: 20X
(3.8)
(0.57)
TYP
(0.57)
TYP
4X ( 0.94)
1
6
7
12
13
18
19
24
24X (0.24)
24X (0.6)
20X (0.5)
(R0.05) TYP
METAL
TYP
25
(3.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com