Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB522PIRGET.A Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB522PIRGET.A
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PIRGET.A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB522PIRGET.A Datasheet HTML 18Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 19Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 20Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 21Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 22Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 23Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 24Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 25Page - Texas Instruments TUSB522PIRGET.A Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments
literature number SLUA271 (www.ti.com/lit/slua271)
.
5. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
EXAMPLE BOARD LAYOUT
4224376 / C 06/2021
www.ti.com
VQFN - 1 mm max height
RGE0024C
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 20X
2X
(0.8)
2X(0.8)
(3.8)
( 2.1)
1
6
7
12
13
18
19
24
25
24X (0.6)
24X (0.24)
20X (0.5)
(R0.05)
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(Ø0.2) VIA
TYP
(3.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com